PART |
Description |
Maker |
2MBI150NE-120 |
Niobium Oxide Capacitor; Capacitor Type:Low ESR; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:15uF; Capacitance Tolerance: /- 20%; ESR:600mohm; Leaded Process Compatible:Yes RoHS Compliant: Yes IGBT MODULE ( N series )
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
BYT230PIV1000 BYT231PIV1000 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible Ultra low drop-low noise BiCMOS 300 mA volt. reg. for use with very low ESR output capacitor 与独立二极管组成的阵列|的SOT - 227B
|
STMicroelectronics N.V.
|
LDS3985 LDS3985M125R LDS3985M135R LDS3985M15R LDS3 |
ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
LD3980PM15R LD3980PM135R LD3980PM13R LD3980PM08R L |
Low drop - Low supply voltage Low ESR capacitor compatible
|
STMicroelectronics
|
BD90C0AFPS |
Low ESR Capacitor, 1A Low Dropout Voltage Regulator
|
Rohm
|
NMC-L0603NPO8R2B100TRPF NMC-L0603NPO680J100TRPF NM |
CAP 8.2PF 100V /-0.1PF NPO(C0G) SMD-0603 TR-7-PA LOW-ESR CAPACITOR, CERAMIC, MULTILAYER, 100 V, C0G, 0.0000082 uF, SURFACE MOUNT, 0603 CAP 68PF 100V 5% NPO(C0G) SMD-0603 TR-7-PA LOW-ESR CAPACITOR, CERAMIC, MULTILAYER, 100 V, C0G, 0.000068 uF, SURFACE MOUNT, 0603 CAP 47PF 100V 5% NPO(C0G) SMD-0603 TR-7-PA LOW-ESR CAPACITOR, CERAMIC, MULTILAYER, 100 V, C0G, 0.000047 uF, SURFACE MOUNT, 0603
|
NIC Components, Corp.
|
LDO517 |
IP Library: Wide Range ESR Capacitor, Low Noise, 100mA Low Dropout Voltage Regulator IP库:大范围的ESR电容,低噪声00mA的低压差稳压
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
XC6204A182MR XC6204A252MR XC6204A302MR XC6204A502M |
(Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
|
TOREX[Torex Semiconductor] N.A.
|
T520B227M006ATE035 |
KEMET Organic Capacitor (KO-CAP) ?Low ESR T520 Series Polymer Tantalum
|
Kemet Corporation
|
BD00D0AWHFP |
Low ESR capacitor,2A Low Dropout Voltage Regulator with Shut Down Switch(Adjustable Voltage
|
Rohm
|
T521X107M025ATE060 |
Capacitor, Tantalum, SMD, Polymer, Molded, Low ESR, Non-Combustible, 100 uF, 7343, /-20% Tol, 25 V (105C)
|
Kemet Corporation
|